Part Number Hot Search : 
TF361S HSM390G B250C37 XR8038 855729 68HC05B MBR1060 C100B
Product Description
Full Text Search
 

To Download 8TQ080G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-20686 rev. A 01/06
8TQ...G
SCHOTTKY RECTIFIER 8 Amp
IF(AV) = 8 Amp VR = 80 - 100V
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform VRRM range IFSM @ tp = 5 s sine VF TJ @ 8 Apk, TJ = 125C range
Description/ Features Units
A V A V C The 8TQ...G Schottky rectifier series has been optimized for low reverse leakage at high temperature. The proprietary barrier technology allows for reliable operation up to 175 C junction temperature. Typical applications are in switching power supplies, converters, free-wheeling diodes, and reverse battery protection. High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance Low forward voltage drop High frequency operation Guard ring for enhanced ruggedness and long term reliability 175 C TJ operation
Value
8 80 - 100 850 0.58 - 55 to 175
Case Styles
8TQ...G
Base Cathode
1
3
Cathode
Anode
TO-220AC
www.irf.com
1
8TQ...G Series
Final PD-20686 rev. A 01/06
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) 80 100 VRWM Max. Working Peak Reverse Voltage (V)
8TQ080G
8TQ100G
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current * See Fig. 5 IFSM EAS IAR Max. Peak One Cycle Non-Repetitive Surge Current * See Fig. 7 Non-Repetitive Avalanche Energy Repetitive Avalanche Current
8TQ
8 850 230 7.50 0.50
Units
A
Conditions
50% duty cycle @ TC = 157 C, rectangular wave form Following any rated load condition and 10ms Sine or 6ms Rect. pulse with rated VRRM applied 5s Sine or 3s Rect. pulse TJ = 25 C, IAS = 0.50 Amps, L = 60 mH Current decaying linearly to zero in 1 sec Frequency limited by TJ max. VA = 1.5 x VR typical
A mJ A
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop * See Fig. 1 (1)
8TQ
0.72 0.88 0.58 0.69
Units
V V V V mA mA pF nH V/ s @ 8A @ 16A @ 8A @ 16A TJ = 25 C TJ = 125 C
Conditions
TJ = 25 C TJ = 125 C VR = rated VR
IRM CT LS
Max. Reverse Leakage Current (1) * See Fig. 2 Max. Junction Capacitance Typical Series Inductance
0.28 7 500 8 10000
VR = 5VDC (test signal range 100Khz to 1Mhz) 25 C Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change (Rated VR)
(1) Pulse Width < 300s, Duty Cycle < 2%
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range
8TQ
-55 to 175 -55 to 175 2.0 0.50 2 (0.07) Min. Max. 6 (5) 12 (10)
Units
C C C/W C/W g (oz.) Kg-cm (Ibf-in) DC operation
Conditions
RthJC Max. Thermal Resistance Junction to Case RthCS Typical Thermal Resistance, Case to Heatsink wt T Approximate Weight Mounting Torque Device Marking
* See Fig. 4
Mounting surface , smooth and greased
8TQ...G
2
www.irf.com
8TQ...G Series
Final PD-20686 rev. A 01/06
1000
100 10 1 0.1 0.01 0.001 0.0001
T = 175C J 150C 125C 100C 75C 50C 25C
100 Ins tantaneousForward Current - I F (A)
R everse Current - I
R
(mA)
0
20
40
60
80
100
10
TJ= 175C TJ= 125C TJ= 25C
Revers Voltage - VR (V) e
Fig. 2 - Typical Values of Reverse Current Vs. Reverse Voltage
1000 Junction Capacitance - C T (pF)
1
T = 25C J
0.1
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
2.2
100
0 10 20 30 40 50 60 70 80 90 100110 Reverse Volta ge - VR (V)
Forward Voltage Drop - VFM (V)
Fig. 1 - Maximum Forward Voltage Drop Characteristics
10
Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage
Thermal Impedance Z thJC (C/W)
D = 0.75 D = 0.50 D = 0.33 1 D = 0.25 D = 0.20 Single Pulse (Thermal Resistance) 0.1 1E-04
1E-03
1E-02
1E-01
1E+00
t1 , Rectangular Pulse Duration (Seconds) Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
www.irf.com
3
8TQ...G Series
Final PD-20686 rev. A 01/06
180 Allowable Case Temperature - (C)
7 Average Power Loss - (Watts) 6 5 4 RMSLimit 3 2 1 0 DC D = 0.20 D = 0.25 D = 0.33 D = 0.50 D = 0.75
175 170 165 160 155 150 145
see note (2)
DC
S quare wave (D = 0.50) 80% Rated V R applied
140
0
2
4
6
8
10
12
0
2
4
6
8
10
12 (A)
Average Forward Current - I F(AV) (A)
Average Forward Current - I F(AV)
Fig. 5 - Maximum Allowable Case Temperature Vs. Average Forward Current
1000 Non-Repetitive Surge Current - I FS (A) M
Fig. 6 - Forward Power Loss Characteristics
At Any R ated Load Condition And With R ated V RR Applied M Following S urge
100 10
100
1000
10000
S quare Wave Pulse Duration - t p (microsec)
Fig. 7 - Maximum Non-Repetitive Surge Current
L HIGH-S PEED S CH WIT F REE-WHEEL DIODE 40HF 40S L 02
+
DUT
IR P460 F R = 25 ohm g
Vd = 25 Volt
CURRENT MONIT OR
Fig. 8 - Unclamped Inductive Test Circuit
(2) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 6); Pd REV = Inverse Power Loss = VR1 x I R (1 - D); IR @ VR1 = 80% rated VR
4
www.irf.com
8TQ...G Series
Final PD-20686 rev. A 01/06
Outline Table
Conform to JEDEC outline TO-220AB Dimensions in millimeters and (inches)
Part Marking Information
PART NUMBER G = Schottky Generation
EXAMPLE: THIS IS A 8TQ100G LOT CODE 1789 ASSEMBLED ON WW 19, 2001 IN THE ASSEMBLY LINE "C"
INTERNATIONAL RECTIFIER LOGO ASSEMBLY LOT CODE
DATE CODE YEAR 1 = 2001 WEEK 19 LINE C
www.irf.com
5
8TQ...G Series
Final PD-20686 rev. A 01/06
Ordering Information Table
Device Code
8
1 1 2 3 4 5 6 -
T
2
Q
3
100
4
G
5
6
Current Rating (8 = 8A) T = TO-220 Q = Schottky Q Series Voltage Ratings G = Schottky Generation none = Standard Production PbF = Lead-Free Tube Standard Pack Quantity : 50 pieces 080 = 80V 100 = 100V
8TQ100 ******************************************** * This model has been developed by * * Wizard SPICE MODEL GENERATOR (1999) * * (International Rectifier Corporation) * * Contain Proprietary Information * ******************************************** * SPICE Model Diode is composed by a * * simple diode plus paralled VCG2T * ******************************************** .SUBCKT 8TQ100 ANO CAT D1 ANO 1 DMOD (0.07089) *Define diode model .MODEL DMOD D(IS=1.15938021883115E-03A,N=1.95244918720315,BV=120V, + IBV=5.37891460505463A,RS= 0.00127602,CJO=9.9895753025115E-09, + VJ=2.30070034831946,XTI=2, EG=0.758916909331649) ******************************************** *Implementation of VCG2T VX 1 2 DC 0V R1 2 CAT TRES 1E-6 .MODEL TRES RES(R=1,TC1=-90.2420977904848) GP1 ANO CAT VALUE={-ABS(I(VX))*(EXP((((1.635248E-02/-90.2421)*((V(2,CAT)*1E6)/(I(VX)+1E-6)-1))+1)*4.011038E03*ABS(V(ANO,CAT)))-1)} ******************************************** .ENDS 8TQ100
Thermal Model Subcircuit .SUBCKT 8TQ100 5 1 CTHERM1 CTHERM2 CTHERM3 CTHERM4 RTHERM1 RTHERM2 RTHERM1 RTHERM1 .ENDS 8TQ100 5 4 3 2 5 4 3 2 4 3 2 1 4 3 2 1 1.45E+00 4.54E+00 1.09E+01 1.01E+02 2.49E+00 5.20E-04 5.43E-01 3.05E-02
6
www.irf.com
8TQ...G Series
Final PD-20686 rev. A 01/06
Data and specifications subject to change without notice. This product has been designed and quaified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 01/06
www.irf.com
7


▲Up To Search▲   

 
Price & Availability of 8TQ080G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X